Part Number Hot Search : 
AD7825BN SSA217 GPTP3127 XWM8816G WM871 00M25 ECL86 TLPGE
Product Description
Full Text Search
 

To Download SX16H005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for m ess r s : d a t e : june. 18.2001 customer?s acceptance specifications SX16H005 c o n t e n t s no. item sheet no. page 1 cover 7b64ps 2701-SX16H005-2 1-1/1 2 record of revision 7b64ps 2702-SX16H005-2 2-1/1 3 general data 7b64ps 2703-SX16H005-2 3-1/1 4 absolute maximum ratings 7b64ps 2704-SX16H005-2 4-1/2~4-2/2 5 electrical characteristics 7b64ps 2705-SX16H005-2 5-1/2~5-2/2 6 optical characteristics 7b64ps 2706-SX16H005-2 6-1/3~6-3/3 7 block diagram 7b64ps 2707-SX16H005-2 7-1/1 8 interface timing chart 7b64ps 2708-SX16H005-2 8-1/6~8-6/6 9 dimensional outline 7b64ps 2709-SX16H005-2 9-1/1 10 appearance standard 7b64ps 2710-SX16H005-2 10-1/4~10-4/4 11 precaution in design 7b64ps 2711-SX16H005-2 11-1/3~11-3/3 12 d esig n a t ion of lot m a r k 7b64ps 2712 - s x 16 h 005 - 2 12 - 1/2 ~ 1 2 - 2/2 13 precaution for use 7b64ps 2713-SX16H005-2 13-1/1 *when product will be discontinued, customer will be informed by hitachi with twelve months prior announcement. accepted by; proposed by; kaohsiung hitachi electronics co.,ltd p.o. box 26-27 2,13th east st. k.e.p.z. kaohsiung taiwan r.o.c. tel:(07) 8211101(10 line) fax:(07) 821-5860 kaohsiung hitachi electronics co.,ltd. sh. no. 7b64ps 2701-SX16H005-2 page 1-1/1
record of revision date sheet no. summary 7b64ps2703- SX16H005-2 page 3-1/1 3. general data changed (10) weight 110g typ 100g typ 7b64ps2705- SX16H005-2 page 5-1/2 5.1 electrical characteristics of lcd changed power supply current typ. (40) typ.(46) 12.2 revision added rev. a and b 7b64ps2712- SX16H005-2 page 12-2/2 12.3 location of lot mark added label issue jun.18.2001 kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2702-SX16H005-2 page 2-1/1 sh. no.
3.mechanicaldata (1) part name SX16H005 (2) module size 173.0(w)mmx70.0(h)mmx7.0max.(d)mm (3) dot pitch 0 .0775(w)mmx0.224(h)mm (4) n u m ber of dots 640 x 3(r,g,b) ( w ) x 240(h) dots (5) duty 1/242 (6) lcd color transmissive type (7) viewing direction 6 o?clock (8) backlight cold cathode fluorescent lamp (cfl)x1 (9) power consumption(total) (1.2w) except inverter (10) weight 100g typ (11) brightness 70cd/ m 2 typ (12) power supply voltage 3.3v only kaohsiung hitachi electronics co.,ltd. date j une.18.?01 7b64ps2703-SX16H005-2 page 3-1/1 sh. no.
4. absolute maximum ratings 4.1 electrical absolute maximum ratings(lcm) vss=0v:standard item symbol min. max. unit comment power supply for logic vdd-vss 0 6.0 v contrast adjustment voltage vcon-vss 0 vdd v input voltage vi -0.3 vdd+0.3 v note 1 input current ii 0 1 a static electricity - - - - note 2 note (1):disp ? off,flm,cl1,cl2,d0~d7. note (2):make certains you are grounded when handling lcm. kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2704-SX16H005-2 page 4-1/2 sh. no.
4.2 environmental absolute maximum ratings i t e m operating storage comment min. max. min. max. ambient temperature 5 c40 c-20 c60 c note 2,3,4 humidity note 1 note 1 without condensation vibration - 2.45m/s 2 - 11.76m/s 2 1 h max . note 6 note 5 shock - 29.4m/s 2 - 490m/s 2 xyz directions 11ms note 5 note 6 corrosive gas not acceptable not acceptable note (1) ta<=40 c :85%rh max. ta>40 c :absolute humidity must be lower than the humidity of 85%rh at 40 c. note (2) ta at -20 c------< 48h , at 60 c------< 168h. note (3) background color changes slightly depending on ambient temperature this phenomenon is reversible. note (4) this lcm will be operated less than 5 c. the life time of cfl will reduced need to make sure of value il and characteristics of inverter, also the response time less than 5 c will be slower. note (5) this module should be operated normally after finish the test. note (6) the module do not have mounting hole. it should be fixed by the may of sandwiching-like method. (fig.1) lcm supporting material base lcm rubber fig.1 kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2704-SX16H005-2 page 4-2/2 sh. no.
5. electrical characteristics 5.1 electrical characteristics of lcd i t e m symbol condition min. typ. max. unit power supply voltage vdd vdd-vss=3.3v 3.15 3.30 3.45 v contrast adjustment voltage (note 1) vcon - 0.8 - 2.8 v input voltage for logic ?h? level 0.8vdd - vdd circuits (note 2) vi ?l? level 0 - 0.2vdd v power supply current (note 4) idd vdd-vss=3.3v - (46) - ma icon(note5) vcon=0.8~2.8v - - (20) input leak current iin(note2) vin=vddorvss - - 1.0 a contrast adjustment ta= 5 c , =0 (1.5) (2.0) - voltage v con ta=25 c , =0 - (2.0) - v (note 6) ta=40 c , =0 - (2.0) (2.5) frame frequency (note 7) fflm - - 150 - hz (note 1) in proportion as the vcon voltage decrease the brightness will increase. (note 2) disp ? off ,flm ,cl1 ,cl2 ,d0~d7. (note 3) fflm=150hz ta=25 c , display pattern : checker pattern. (note 4) rush current of power on : 1a(pk) 1ms + 0.15a(pk)20ms (note 5) vcon (note 6) recommended contrast adjustment voltage fluctuates about 0.3v by each module. temperature compensation circuit included in lcm. (only typ values) (note 7) need to make sure of flickering and rippling of display when setting the frame frequency in your set. (note 8) some points for attention while setting driving condition of appliance (1) frame frequency please set the frame frequency as the typical value (central vale) which in cas. according to the characteristic or response time of lc material, that setting the frame frequency near the mininum value or under the minimum value shown in cas will cause a frame with moving phenomenon. (2) setting value vcon vcon, adjusted to get the best contrast ratio of lcd module, is adjusted to be distributed within the tolerance 0.3v of central value in cas before lcd modules ship the factory. the below items are recommended at customer side. (i) when designing the appliance, please set the vcon value as an adjustable value. (ii) and the vcon value must be able to be adjusted to match most suitable vcon to get the best contrast ratio. a fixed vcon value a little different from the most suitable vcon value of lcd module and causes a misjudgment. (ii) the vcon adjustment(when d/a [digital/analogue] converter is used) is recommended to be set as 50mv at most per step. that one step is more than 50mv may cause the input value to be not able match the most suitable value. the characteristic of contrast ratio can not present absolutely. kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2705-SX16H005-2 page 5-1/2 sh. no.
5.2 electrical characteristics of backlight item symbol min typ max unit note lamp voltage vl - (560) - vrms ta=25 c frequency fl - (60) - khz lamp current (1lamp)(note 7) il (1.5) (1.9) (3.0) ma ta=25 c vs starting discharge voltage (note 2) (1400) - - vrms ta=5 c (note 1) please design your lamp driving circuit (inverter) according to the above specifications, and inform hitachi of it. (note 2) starting discharge voltage is increased when lcm is operating at low temperature. please check the characteristics of your inverter before applying to your set. (note 3) average life time of cfl will be decreased when lcm is operating at low temperature. (note 4) under lower driving frequency of an inverter, a certain backlight system (cfl & cfl reflection sheet) may generate a sound noise. before designing the inverter, please consider the driving frequency and noise. (note 5) when il is over 3.0ma, it may cause uneven contrast near cfl location, due to heat dispersion form cfl. (note 6) absolute maximum ratings voltage of cfl cable for module is as follows. vcfl side : 2kv vss side : 300v this inverter design shall not exceed the rated voltage. (note 7) we suggest that the lamp current can not be lower than the standard of cas set,or it will cause low brightness. (note8) we recommend to equip protection circuit (to stop output) which works under abnormal operation to the inverter for cfl. kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2705-SX16H005-2 page 5-2/2 sh. no.
6. optical characteristics 6.1 optical characteristics of lcd ta=25 c (backlight on) item symbol condition min. typ. max. unit note viewing area 2- 1 =0 ,k R 2.0 - (40) - deg 1,2 contrast ratio k =0 =0 - (40) - - 3,5,6 response time (rise) tr =0 =0 - (90) (140) ms 4 response time (fall) tf =0 =0 - (60) (90) ms 4 color tone x - (0.50) - - (primary color) red y - (0.29) - - x - (0.29) - - green y =0 =0 - (0.52) - - 7 x - (0.16) - - blue y - (0.16) - - x - (0.28) - - white y - (0.32) - - (measurement condition : hitachi standard) note 1)~7) : see next page. kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2706-SX16H005-2 page 6-1/3 sh. no.
note5. hitachi will not do 100% inspection for minimum value. minimum value is for reference. note6. hitachi will do sampling inspection for minimum value. note7 the lcd driving voltage should be adjusted at the voltage where the peak contrast is obtained. note 1.definition of and (normal) viewing direction note 3.definition of contrast ?k? bri g htness on selected area ( b1 ) bri g htness on non-selected area ( b2 ) k= x x? note 2.definition of viewing angle 1 and 2 k 2.0 1 2 1<10 < 2 contrast ratio k vs viewing angle note 4.definition of optical response time y( =180 ) 2 1 y( =0 ) o p eratin g volta g e brightness b1 b2 =0 , =0 non-selective state non-selective state selective state 10% tr tf brightness kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2706-SX16H005-2 page 6-2/3 sh. no. rise time fall time brightness : bm-7 aperture : 1 distance : 0.4m (di=?h?) (di=?l?) b2 b1 z =0 back light sensor 90% 10%
6.2 potical characteristics of backlight item min. typ. max. unit note brightness - 70 - cd/m 2 il=1.9ma note1),2) rise time - (3) - minute il=1.9ma brightness 80% brightness uniformity - - 25 % undermentioned note 1,3 (measurement condition : hitachi standard) cfl : initial , ta=25 c display data should be all ?on? the lcd driving voltage should be adjusted so as to obtain maximum contrast, when display pattern is all ?q?. (note 1) measurement after 10 minutes from cfl operating. average value of 9 points (note 3) (note 2) brightness control : 100%. (note 3) measurement of the following 9 places on the display. (note 4) definition of the brightness tolerance. p3 p2 p5 p6 p9 p8 p7 p4 p1 y=1600 y=960 y=320 x=120 x=40 x=200 average brightness max brightness or min brightness - average brightness 100 kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2706-SX16H005-2 page 6-3/3 sh. no.
7. block diagram timing circuit buffer flm cl1 cl2 dispoff vdd vss vcon power supply circui t d0~d7 buffer column driving circuit lcd panel cn1 row driving circuit y1920 y1 x1 x240 vcfl vss cn3 cfl kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2707-SX16H005-2 page 7-1/1 sh. no.
8.interface timing chart 8.1 timing chart kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2708-SX16H005-2 page 8-1/6 sh. no. cl1 cl2 d7 d6 d1 d0 flm cl1 flm d0~d7 (reduction) 30ns min. 30ns min. dummy data x2 t x1 (242+n) t x1 x2 x239 x240 dumm y data g r g r r b r b y1 y2 y7 y8 y9 y10 y15 y16 y1913 y1914 y1919 y1920
8.2 timing characteristics vdd=3.3 0.15v,vss=0v,vcon=0.8~2.8v,ta=+5 c ~+40 c item symbol min. typ. max. umit cl1 pulse width ?h? twhcl1 100 - - ns clock cycle time tcyc 60 - - ns cl2 pulse width twcl2 30 - - ns clock set up time tscl1 40 - - ns clock hold time thcl1 80 - - ns clock rise fall time tr,tf - - 30 ns data set up time tdsu 20 - - ns data hold time tdh 20 - - ns ?flm? set up time tfs 100 - - ns ?flm? hold time tfh 50 - - ns kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2708-SX16H005-2 page 8-2/6 sh. no. tdh tr tdsu tf twcl2 tscl1 thcl1 tcyc twcl2 tr tf twhcl1 tfs tfh 0.8vdd 0.2vdd 0.2vdd 0.8vdd 0.9vdd 0.1vdd 0.9vdd 0.1vdd d0~d7 cl2 cl1 flm measurement point tr tr
8.3 power on/off sequence symbol min max unit comment tdld 200 - ms tch 0 - ms (note 1) tldh 0 - ms tdor - 100 ns tdof - 100 ns tdlcr 20 - ms (note 2) tdlcf 0 - ms tdlcs 20 - ms tvh 200 - ms (note 1) please keep the specified sequence because wrong sequence may cause permanent damage to the lcd panel. (note 2) hitachi recommends you to use disp ? off function. display quality may deteriorate if you don?t use disp ? off function. tdld tch tch 0.8xvdd tdlcf tdlcr tdlcs tdlcs 0.2xvd d 0.8xvdd tldh tdof tdor tldh 0.2xvdd 0.8xvdd tdld vdd cl1 vcon disp off 0.8xvdd tvh kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2708-SX16H005-2 page 8-3/6 sh. no. 0.95vdd
8.4 power supply for lcm stabilized +3.3v r1 vr r2 c1 + - +3.3v c2 vcon vdd vss lcm vcfl vss cfl + - example kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2708-SX16H005-2 page 8-4/6 sh. no.
8.5 input data allocation table data signal d 7 d 6 d 5 d 4 d 3 d 2 d 1 d 0 d 7 d 6 d 5 d 4 d 4 d 3 d 2 d 1 d 0 y x 123456789101112 1 9 1 6 1 9 1 7 1 9 1 8 1 9 1 9 1 9 2 0 1 rgbrgbrgb r g b gbrgb 2 rgbrgbrgb r g b gbrgb 3 rgbrgbrgb r g b gbrgb 4 rgbrgbrgb r g b gbrgb 5 rgbrgbrgb r g b gbrgb | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | 138 rgbrgbrgb r g b gbrgb 139 rgbrgbrgb r g b gbrgb 140 rgbrgbrgb r g b gbrgb 141 rgbrgbrgb r g b gbrgb 142 rgbrgbrgb r g b gbrgb 143 rgbrgbrgb r g b gbrgb 144 rgbrgbrgb r g b gbrgb 145 rgbrgbrgb r g b gbrgb |. |. |. | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | | 238 rgbrgbrgb r g b gbrgb 239 rgbrgbrgb r g b gbrgb 240 rgbrgbrgb r g b gbrgb r : red g : green b : blue kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2708-SX16H005-2 page 8-5/6 sh. no.
8.6 internal pin connection cn1 hirose : fh12a24s-0.5sh (suitable fpc : t0.3 0.05mm 0.5mm pitch) pin no. signal level function 1 flm h first line marker 2 vss - gnd 3cl1 h l data latch 4 vss - gnd 5cl2 h l data shift 6 vdd - power supply for logic 7 vss - gnd 8d0 9d1 10 d2 11 d3 h/l display data 12 vss - gnd 13 d4 14 d5 15 d6 16 d7 h/l display data 17 disp ? off h/l h : on / l : off 18 vdd - power supply for logic 19 vcon - contrast adjust 20 vss - gnd 21 y(-) 22 x(-) 23 y(+) 24 x(+) - analog signal from digitizer cn2 hirose : fh12-10(4)sa-1sh (suitable fpc : t0.3 0.05mm , 1.0mm pitch pin no. signal level function 1y(+) 2x(+) 3 y(-) 4 x(-) - digitizer * reference of touch panel pin connection cn3 jst housing : bhr-02vs-1 (suitable connector : jst sm02(4.0)b-bhs-1) pin no. signal level function 1 vss - gnd for cfl 2 vcfl - power supply for cfl kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2708-SX16H005-2 page 8-6/6 sh. no.

10. appearance standard 10.1 appearance inspection condition visual inspection should be done under the following condition. (1) the inspection should be done in a dark room. (2) the cfl should be lighted with the prescribed inverter. (3) the distance between eyes of an inspector and the lcd module is 25cm. (4) the viewing zone is shown the figure. viewing angle Q 25 . 10.2 definition of zone a zone : the dots area specified at page 9-1/1 of this document. b zone : area between the effective display area line and the dots area (a zone) line specified at page 9-1/1 of this document. eye eye 25 25 bezel lcd effective display area dots area b zone a zone kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2710-SX16H005-2 page 10-1/4 sh. no.
10.3 appearence specification (1)lcd appearance * if the problem related to this section occures about this item the responsible persons of both party (customer and hitachi) will discuss the matter in detail. no. item criteria applied zone scratches distinguished one is not acceptable (to be judged by hitachi srandard) a dent same as above a wrinkles in polarizer same as above a bubbles average diameter d(mm) maximum number acceptable d Q 0.2 ignored 0.2SX16H005-2 page 10-2/4 sh. no.
no. item criteria applied zone contrast irregularity (spot) average diameter d(mm) contrast maximum acceptable number minimum space d Q 0.25 to be ignored - 0.25SX16H005-2 page 10-3/4 sh. no.
kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2710-SX16H005-2 page 10-4/4 sh. no. note (2) definition of length (l) and width (w) a b note (1) definition of average diameter (d) a+b 2 d= w l
11. precaution in design 11.1 lc driving voltage (v con) and viewing angle range setting vcon out of the recommended condition will be a cause for a change of view ing angle range. 11.2 precautions against electrostatic discharge as this module contains c-mos lsis, it is not strong against electrostatic discharge. make certain that the operator?s body is connected to the ground through a list band etc. and don?t touch i/f pins directly. 11.3 power on sequence input signals should not be applied to lcd module before power supply voltage is applied and reaches to specified voltage (3.0 0.15v). if the above sequence is not kept, c-mos lsis of lcd module may be damaged due to latch up phenomenon. 11.4 handling precautions (1) since the polarizer on the top, and the aluminum plate on the bottom tend to be easily damaged, they should be with full care so as not to get them touched, pushed or rubbed by a piece on glass, tweezers and anything else which are harder a pencil lead 3h. (2) as the adhesives used for adhering upper/lower polarizers and aluminum plate are made of organic substances which will be deteriorated by a chemical reaction with such chemicals as acetone, tuluene, ethanole and isopropylalcohol. the following are recommended for use : normal hexane please contact us when is it is necessary for you to use chemicals other than the above. (3) lightly wipe to clean the dirty surface with absorbent cotton or other soft material like chamois, soaked in the recommended chemicals without scrubbing it hardly. always wipe the surface horizontally or vertically. never give a wipe in a circle. to prevent the display surface from damage and keep the appearance in good state, it is sufficient, in general, to wipe it with absorbent cotton. (4) immediately wipe off saliva or water drop attached on the display area because it may cause deformation or faded color. (5) fogy dew deposited on the surface may cause a damage, stain or dirt to the polarizer. when you need to take out the lcd module from some place at low temperature for test, etc. it is required to be warmed them up to temperature higher than room temperature before taking them out. kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2711-SX16H005-2 page 11-1/3 sh. no.
(6) touching the display area or i/f pins with bare hands or contaminating them are prohibited, because the stain on the display area and poor insulation between terminals are often caused by being touched with bare hands. (some cosmetics are detrimental to polarizers.) (7) in general, the glass is fragile so that, especially on its periphery, tends to be cracked or chipped in handling. please not give the lcd module sharp shocks by falling etc. (8) maximum pressure to the surface must be less than 1.9610 4 pa. and if the pressure area is less than 1cm 2 , maximum pressure must be less than 1.96n. (9) since the metal width is narrow on these locations (see page 9-1/1), please careful with handling. (10) top sheets shall be cleaned gently using a soft cloth such as those used for glasses. hard wiping accumulated dust will leave scars on the surface even using a cloth. 11.5 operation precaution (1) using a lcm module beyond its maximum ratings may result in its permanent destruction. lcm module?s should usually be used under recommended operating conditions shown in chapter 5. exceeding any of these conditions may adversely affect its reliability. (2) response time will be extremely delayed at lower temperature than the specified operating temperature range and on the other hand lcd?s shows dark blue at higher temperature. how ever those phenomena do not mean defects of the lcd module. those phenomena will disappear in the specified operating temperature range. (3) if the display area is pushed hard during operation, some display patterns will be abnormally display. (4) a slight dew depositing on terminals may cause electrochemical reaction which leads to terminal open circuit. please operate the lcd module under the relative condition of 40 c 85%rh. (5) since stn-lcd is sensitive for heat please consider the heat profession from any heat sources like inverter , dc/dc converter , cpu and so on. kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2711-SX16H005-2 page 11-2/3 sh. no.
11.6 storage in case of storing lcd module for a long period of time (for instance, for years) for the purpose of replacement use, the following precautions necessary. (1) storage in a polyethylene bag with the opening sealed so as not to enter fresh air outside in it,and with no desiccant. (2) placing in dark place where neither exposure to direct sunlight nor light is,keeping temperature in the range from 0 c and 35 c. (3) storing with no touch on polarizer surface by anything else.(it is recommended to store them as they have been contained in the inner container at the time of delivery from us.) 11.7 safety the lcd modules include cold cathode fluorescent lamp(cfl). cfl contains a small amount of mercury. please follow local ordinances or regulations for disposal. wear finger cots or gloves whenever handling or assembling a touch panel its glass edges are sharp. kaohsiung hitachi electronics co.,ltd. date j une.18.?01 7b64ps2711-SX16H005-2 page 11-3/3 sh. no.
12. designation of lot mark 12.1 lot mark lot mark is consisted of 4 digits for production lot and 6 or 7 digits for production control. 4 3 0 1 year month week week (day in calendar) figure in lot mark 1~ 7 1 8~14 2 15~21 3 22~28 4 29~31 5 month figure in lot mark month figure in lot mark jan. 01 july 07 feb. 02 aug. 08 mar. 03 sep. 09 apr. 04 oct. 10 may 05 nov. 11 june 06 dec. 12 year figure in lot mark 2001 1 2002 2 2003 3 2004 4 2005 5 kaohsiung hitachi electronics co.,ltd. date june.18.?01 7b64ps2712-SX16H005-2 page 12-1/2 sh. no. t digits for production control t: made in taiwan
12.2 revision rev no. item lot no. produc tion control no. a seg driver (bd66134ubt) - 00001~ b seg driver (bd66134wbt) - 00001~ 12.3 location of lot mark following label is attached on the back of lcm information of barcode are ?lot mark? , ?rev. no.? and ?production control no. ? kaohsiung hitachi electronics co.,ltd. date june.18?01 7b64ps2712-SX16H005-2 page 12-2/2 sh. no. part name lot mark production control no. rev. no. barcode
13. precautipon for use (1) a limit sample should be provided by the both parities on an occasion when the both parties agree to its necessity. judgement by a limit sample shall take effect after the limit sample has been established and confirmed by the both parties. (2) on the following occasions, the handling of the problem should be decided through discussion and agreement between responsible persons of the both parties. (1) when a question is arisen in the specifications. (2) when a new problem is arisen which is not specified in this specifications. (3) when an inspection specifications change or operating condition change by customer is reported to hitachi, and some problem is arisen in the specification due to the change. (4) when a new problem is arisen at the customer?s operating set for sample evaluation. (3) regarding the treatment for maintenance and repairing, both parties will discuss it in six month later after latest delivery of this product. the precaution that should be observed when handling lcm have been explained above. if any points are unclear or if you have any requests , please contact hitachi. kaohsiung hitachi electronics co.,ltd. date june.18?01 7b64ps2713-SX16H005-2 page 13-1/1 sh. no.


▲Up To Search▲   

 
Price & Availability of SX16H005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X